Part Number Hot Search : 
BUG33D 50400 CAT36 ND3139 00206 MC908 LH1500 H07N60
Product Description
Full Text Search
 

To Download STB20NM5007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STB20NM50 - STB20NM50-1 STP20NM50 - STP20NM50FP
N-channel 500V - 0.20 - 20A - TO220/FP-D2PAK-I2PAK MDmeshTM Power MOSFET
General features
Type STB20NM50 STB20NM50-1 STP20NM50 STP20NM50FP

VDSS (@TJmax) 550V 550V 550V 550V
RDS(on) < 0.25 < 0.25 < 0.25 < 0.25
ID 20A 20A 20A 20A
3 1
3 1 2
1 2 3
TO-220
TO-220FP
High dv/dt and avalanche capabilities 100% avalanche tested Low input capacitance and gate charge Low gate input resistance
IPAK
3 12
DPAK
Description
The MDmeshTM is a new revolutionary Power MOSFET technology that associates the Multiple Drain process with the Company's PowerMESHTMhorizontal layout. The resulting product has an outstanding low on-resistance, impressively high dv/dt and excellent avalanche characteristics and dynamic performances.
Internal schematic diagram
Applications
Switching applications
Order codes
Part number STB20NM50 STB20NM50-1 STP20NM50 STP20NM50FP Marking B20NM50 B20NM50-1 P20NM50 P20NM50FP Package DPAK IPAK TO-220 TO-220FP Packaging Tape & reel Tube Tube Tube
January 2007
Rev 13
1/14
www.st.com 14
Contents
STB20NM50 - STB20NM50-1 - STP20NM50 - STP20NM50FP
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................ 6
3 4 5
Test circuit
................................................ 9
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
2/14
STB20NM50 - STB20NM50-1 - STP20NM50 - STP20NM50FP
Electrical ratings
1
Electrical ratings
Table 1.
Symbol
Absolute maximum ratings
Value Parameter DPAK / IPAK TO-220 500 30 20 12.6 80 192 1.54 15 -2500 20 (1) 12.6 (1) 80 (1) 45 0.36 Unit TO-220FP V V A A A W W/C V/ns V
VDS VGS ID ID IDM (2) PTOT
Drain source voltage Gate-source voltage Drain current (continuous) at TC = 25C Drain current (continuous) at TC = 100C Drain current (pulsed) Total dissipation at TC = 25C Derating factor
dv/dt (3) VISO Tj Tstg
Peak diode recovery voltage slope Insulation withstand voltage (RMS) from all three leads to external heat sink (t=1s;TC=25C) Operating junction temperature Storage temperature
-65 to 150
C
1. Limited only by maximum temperature allowed 2. Pulse width limited by safe operating area
3. ISD < 20A, di/dt < 400A/s, VDD < V(BR)DSS, TJ < TJMAX
Table 2.
Symbol
Thermal data
Value Parameter DPAK / IPAK TO-220 0.65 62.5 300 Unit TO-220FP 2.8 C/W C/W C
Rthj-case Rthj-amb Tl
Thermal resistance junction-case max Thermal resistance junction-amb max Maximum lead temperature for soldering purpose
Table 3.
Symbol IAR EAS
Avalanche characteristics
Parameter Avalanche current, repetitive or not-repetitive (pulse width limited by Tj max) Single pulse avalanche energy (starting Tj=25C, ID= 5A, VDD= 50V) Value 10 650 Unit A mJ 3/14
Electrical characteristics
STB20NM50 - STB20NM50-1 - STP20NM50 - STP20NM50FP
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 4.
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on)
On/off states
Parameter Drain-source breakdown voltage Zero gate voltage drain current (VGS = 0) Gate body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 250A, VGS= 0 VDS = Max rating, VDS = Max rating @125C VGS = 30V VDS= VGS, ID = 250 A VGS= 10 V, ID= 10 A 3 4 0.20 Min. 500 1 10
100
Typ.
Max.
Unit V A A A V
5 0.25
Table 5.
Symbol gfs (1) Ciss Coss Crss Coss eq.
(2)
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Equivalent output capacitance Test conditions VDS > ID(ON) x RDS(ON)max, ID = 10A VDS =25V, f=1 MHz, VGS=0 Min. Typ. 10 1480 285 34 Max. Unit S pF pF pF
VGS=0, VDS =0V to 400V f=1MHz Gate DC Bias=0 Test Signal Level=20mV Open Drain VDD=400V, ID = 20A VGS =10V (see Figure 15)
130
pF
Rg Qg Qgs Qgd
Gate input resistance
1.6
Total gate charge Gate-source charge Gate-drain charge
40 13 19
56
nC nC nC
1. Pulsed: pulse duration = 300s, duty cycle 1.5% 2. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS
4/14
STB20NM50 - STB20NM50-1 - STP20NM50 - STP20NM50FP
Electrical characteristics
Table 6.
Symbol td(on) tr td(off) tf tr(Voff) tf tc
Switching times
Parameter Turn-on delay time Rise time Turn-off delay time Fall time Off-voltage rise time Fall time Cross-over time Test conditions VDD=250 V, ID=10A, RG=4.7, VGS=10V (see Figure 14) VDD=400 V, ID=20A, RG=4.7, VGS=10V (see Figure 16) Min. Typ. 24 16 40 12 9 8.5 23 Max. Unit ns ns ns ns ns ns ns
Table 7.
Symbol ISD ISDM (1) VSD (2) trr Qrr IRRM trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current Reverse recovery time Reverse recovery charge Reverse recovery current ISD=20A, VGS=0 ISD=20A,di/dt=100A/s, VDD=100 V, Tj= 25C (see Figure 16) ISD=20A,di/dt=100A/s, VDD=100 V, Tj=150C (see Figure 16) 350 4.6 26 435 5.9 27 Test conditions Min. Typ. Max 20 80 1.5 Unit A A V ns C A ns C A
1. Pulse width limited by safe operating area 2. Pulsed: pulse duration 300s duty cycle 1.5%
5/14
Electrical characteristics
STB20NM50 - STB20NM50-1 - STP20NM50 - STP20NM50FP
2.1
Figure 1.
Electrical characteristics (curves)
Safe operating area for TO-220/ DPAK/IPAK Figure 2. Thermal impedance for TO-220/ DPAK/IPAK
Figure 3.
Safe operating area for TO-220FP
Figure 4.
Thermal impedance for TO-220FP
Figure 5.
Output characteristics
Figure 6.
Transfer characteristics
6/14
STB20NM50 - STB20NM50-1 - STP20NM50 - STP20NM50FP Figure 7. Transconductance Figure 8.
Electrical characteristics Static drain-source on resistance
Figure 9.
Gate charge vs gate-source voltage Figure 10. Capacitance variations
Figure 11. Normalized gate threshold voltage vs temperature
Figure 12. Normalized on resistance vs temperature
7/14
Electrical characteristics
STB20NM50 - STB20NM50-1 - STP20NM50 - STP20NM50FP
Figure 13. Source-drain diode forward characteristics
8/14
STB20NM50 - STB20NM50-1 - STP20NM50 - STP20NM50FP
Test circuit
3
Test circuit
Figure 15. Gate charge test circuit
Figure 14. Switching times test circuit for resistive load
Figure 16. Test circuit for inductive load Figure 17. Unclamped Inductive load test switching and diode recovery times circuit
Figure 18. Unclamped inductive waveform
Figure 19. Switching time waveform
9/14
Package mechanical data
STB20NM50 - STB20NM50-1 - STP20NM50 - STP20NM50FP
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
10/14
STB20NM50 - STB20NM50-1 - STP20NM50 - STP20NM50FP
Package mechanical data
TO-220 MECHANICAL DATA
DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154
oP
Q
11/14
Package mechanical data
STB20NM50 - STB20NM50-1 - STP20NM50 - STP20NM50FP
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1 F
D
G1 H
F2
L2 L5
E
123
L4
12/14
G
STB20NM50 - STB20NM50-1 - STP20NM50 - STP20NM50FP
Revision history
5
Revision history
Table 8.
Date 09-Sep-2004 04-Sep-2006 15-Dec-2006 08-Jan-2007 26-Jan-2007
revision history
Revision 9 10 11 12 13 Final version The document has been reformatted Modified Table 7.: Source drain diode Modified value in order code Modified Table 6.: Switching times Changes
13/14
STB20NM50 - STB20NM50-1 - STP20NM50 - STP20NM50FP
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
14/14


▲Up To Search▲   

 
Price & Availability of STB20NM5007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X